PART |
Description |
Maker |
ICX055 ICX055AK ICX055BAK |
1/3-inch CCD Image Sensor for PAL Color Camera
|
SONY[Sony Corporation]
|
ICX026CKA |
1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA 1 / 2英寸CCD图像传感器对NTSC彩色摄像 From old datasheet system
|
Sony Corporation
|
ICX026CKA |
SPECIALTY ANALOG CIRCUIT, CDIP20 1/2 inch CCD Image Sensor for NTSC Color Camera
|
SONY
|
TCD2558D |
IMAGE SENSOR-CCD, 5-7V, RECTANGULAR, THROUGH HOLE MOUNT The TCD2558D is a high sensitive and low dark current 5340 elements 3 line CCD color image sensor which includes CCD drive circuit, clamp circuit. TOSHIBA CCD Linear Image Sensor CCD (charge coupled device) 东芝防治荒漠化公约线性图像传感器CCD(电荷耦合器件
|
Toshiba Semiconductor Toshiba, Corp.
|
TCD2561D |
The TCD2561D is a high sensitive and low dark current 5340 elements 4 line CCD color image sensor which includes CCD drive circuit, clamp circuit. TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
|
TOSHIBA[Toshiba Semiconductor]
|
BP200-0AG-014V BP200-0CW-024V BP200-0UY-005V BP200 |
T-1 3/4 SINGLE COLOR LED, AQUA GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, WHITE, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER YELLOW, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER BLUE, 5 mm T-1 3/4 SINGLE COLOR LED, LIME GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER ORANGE, 5 mm T-1 3/4 SINGLE COLOR LED, ULTRA RED, 5 mm
|
LEDtronics, Inc.
|
ICX227AK |
From old datasheet system Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras CCD Image Sensor with Square Pixel for Color Cameras
|
Sony Corporation
|
NTE30115 |
LED − Triple Color 5mm Super Fresh Red/Super Green/Super Blue
|
NTE Electronics
|
L799SRSGW_CC L799SRSGW/CC |
8mm BI-COLOR INDICATOR LAMPS T-3 DUAL COLOR LED, SUPER BRIGHT RED/SUPER BRIGHT GREEN, 8 mm
|
Kingbright, Corp. Kingbright Corporation.
|
FCD4B14 FCD4B14CC FCD4B14CCB AT71-HD20CL1010 AT71- |
500 dpi, 0.4mm x 14 mm Digital Fingerprint Linear Sensor, 2240 Pixels (8 x 280) Image Array, Digital Output (On-chip) Package. Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output AKYLA HD20 CameraLink 1010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD20 CameraLink 1014. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD20 CameraLink 2010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1014. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD25 CameraLink 2010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1014. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 1010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 2010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD40 CameraLink 1014. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 2010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 2048 pixels. Pixel size 10 um.
|
Atmel Corp. ATMEL Corporation
|
C5405-51 C5405-50 |
1/2-inch CCD Video Camera
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
C3077-71 C3077 C3077-70 |
2/3-inch CCD Video Camera
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|